Part Number Hot Search : 
SC414 PE6317 W005M SP25001 004000 SP237ACX MP2510 MA11FCA
Product Description
Full Text Search
 

To Download AV074F-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Service Price Delivery
CONTINUOUSLY VARIABLE ATTENUATORS
06 SERIES VARIABLE ATTENUATORS
FREQUENCY FLAT MODELS
VA R I A B L E A T T E N U A T O R S
Freq (GHz) 2.0-4.0 3.6-6.5 3.6-4.3 5.8-6.5 5.85-14.5 4.0-8.0 7.2-8.4 8.0-12.4 10.7-12.7 10.7-14.5 13.0-14.5 12.4-18.0 17.0-18.6 8.0-18.0 14.0-26.0
Atten Range (dB) 10 10 20 20 20 10 20 10 20 20 30 10 20 20 20
Flatness (+/- db) 1.5 0.8 0.5 0.5 0.5/B 2.0 1.0 1.0 0.8 1.5 0.5 1.0 1.0 1.8 1.0
Model No. AF064-10 AF065C-10 AF06C1-20 AF06C2-20 AF06CK-20 AF065-10 AF065X-20 AF066-10 AF066X-20 AF066K-20 AF067K-30 AF067-10 AF067J-20 AF066H-20 AF068-20
FREQUENCY FLAT MODELS
Freq (GHz) 0.7-0.8 0.8-1.0 0.8-1.0 0.95-1.45 1.5-2.0 2.0-4.0 2.8-6.5 3.4-4.2 3.6-6.5 3.6-4.3 5.8-6.5 4.0-8.0 7.2-8.4 8.0-12.4 10.7-12.7 10.7-14.5 12.4-18.0 0.7-1.0 0.8-1.6 0.9-1.75 1.0-2.0 2.0-4.2 4.0-8.0 7.9-12.7 11.7-18.0 0.9-8.0 1.0-4.0 1.0-8.0 2.0-18.0 4.0-18.0 6.0-18.0 Atten Range (dB) 10 15 20 15 20 20 20 20 30 30 30 20 30 20 30 30 20 10 15 15 20 20 30 30 30 20 20 30 10 20 60 Flatness (+/- db) 0.75 1.5 1.5 1.7 1.5 1.5 1.5 1.0 1.2 0.7 0.7 1.0 0.7 1.0 1.0 1.5 1.0 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A Model No. AF082L2-10 AF082L1-15 AF082L1-20 AF083L1-15 AF083L2-20 AF084-20 AF084F-20 AF085C3-20 AF085C-30 AF085C1-30 AF085C2-30 AF085-20 AF085X-30 AF086-20 AF086X-30 AF086K-30 AF087-20 AV082-10 AV083L-15 AV083-15B AV083-20 AV084-20 AV085-30 AV086-30 AV087-30 AV083F-20 AV083E-20 AV083F-30 AV084H-10 AV085H-20 AV086H-60
08 SERIES
LEVEL ADJUST MODELS
2.0-4.2 3.7-4.2 7.9-12.7 11.7-18.0 14.0-26.5 26.5-40 2.0-8.0 4.0-12.4 4.0-18.0 6.0-18.0 10 20 30 30 20 20 10 20 10 30 N/A N/A N/A N/A N/A N/A N/A N/A N/A N/A AV064-10 AV065-20 AV066-30 AV067-30 AV068-20 AV069-20 AV064F-10 AV065G-20 AV065H-10 AV066H-30
MULTIBAND MODELS
LEVEL ADJUST MODELS
07 SERIES VARIABLE ATTENUATORS
FREQUENCY FLAT MODELS
Freq (GHz) 2.0-4.0 3.6-6.5 3.6-4.3 5.8-6.5 5.85-14.5 4.0-8.0 7.2-8.4 7.9-8.4 8.0-12.4 10.7-12.7 10.7-14.5 12.4-18.0 17.0-18.6 8.0-18.0 1.0-2.0 1.5-2.0 2.0-4.0 2.0-8.0 3.6-4.3 4.0-8.0 4.0-12.4 8.0-12.4 8.0-18.0 Atten Range (dB) 10 20 20 20 20 10 20 20 10 20 20 10 20 20 10 15 20 20 30 30 30 40 40 Flatness (+/- db) 1.5 0.8 0.5 0.5 0.5/B 2.0 1.0 0.5 1.0 0.8 1.5 1.0 1.0 1.5 N/A N/A N/A N/A N/A N/A N/A N/A N/A Model No. AF074-10 AF075C-20 AF07C1-20 AF07C2-20 AF07CK-20 AF075-10 AF075X-20 AF076X2-20 AF076-10 AF076X-20 AF076K-20 AF077-10 AF077J-20 AF076H-20 AV073-10 AV073-15 AV074-20 AV074F-20 AV07C1-30 AV075-30 AV075G-30 AV076-40 AV076H-40
MULTIBAND MODELS
GENERAL SPECIFICATIONS FOR ALL UNITS
* * * * * RF CONN: INS LOSS: VSWR: RF POWER*: ATTEN RGE:
*Higher Power Models Available - Contact Factory
SMA female 0.5dB max 1.5 max 5 W avg, 3 Kw peak Many other models to 60dB
ATTENUATOR DRIVE OPTIONS
LEVEL ADJUST MODELS
Our Standard is a Screw Driver Shaft with a Lock Nut The Part Number begins with AV0 or AF0 For a Knob Control Option change the AV0 or the AF0 in the P/N to AV9 or AF9 Example: AF064-10 = AF964-10 For a Turns Counting Dial Option use AV8 or AF8 For a Direct Reading Tape Drive Option use AF7 for Full Frequency Range Calibration or AV7 for Single Frequency Calibration (Specify Spot Frequency with Order) For 28 Volt Motor Drive add -28 to the Model Number
Attenuator Drive Options
Motor Drive
Knob Control
Turns Counting Dial
Direct Reading (calibrated in dB)
49 Rider Ave, Patchogue, NY 11772 Phone: 631-289-0363 Fax: 631-289-0358 E-mail: atmemail@juno.com Web: www.atmmicrowave.com
2


▲Up To Search▲   

 
Price & Availability of AV074F-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X